Part Number Hot Search : 
AN750 7C1041 SC1602N SC1601A AE10095 SC1538 BT3904 LM108
Product Description
Full Text Search
 

To Download HFP50N06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shantou Huashan Electronic Devices Co.,Ltd.
N-Channel MOSFET
HFP50N06
APPLICATIONSL
Low Voltage high-Speed Switching.
TO-220
ABSOLUTE MAXIMUM RATINGS
T stg Tj PD VDSS VGSS ID Storage Temperature - - - - - - - - - - Operating Junction Temperature Allowable Power Dissipation Tc=25ae(c) Drain-Source Voltage - - Gate-Source Voltage - - - - - - Drain Current Tc=25ae(c) -
Ta=25ae(c)
-55~175ae 150ae 130W 60V
1D G 2D D 3D S
20V
50A
ELECTRICAL CHARACTERISTICS
Symbol Characteristics
Ta=25ae(c)
Min Typ Max Unit Test Conditions
BVDSS IDSS IGSS VGS(th) RDS(on) Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd Is VSD
Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate -Source Leakage Current
60 1 A 2.0 880 430 110 60 185 75 60 39 9.5 13 50 1.5 1.15
ae
V |I A nA V pF pF pF nS nS nS nS
nC nC nC
ID=250|I
A ,VGS=0V VGS=0
VDS = 60V
Gate Threshold Voltage Static Drain-Source On-Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn - On Delay Time Rise Time
Turn - Off Delay Time
100 4.0 1140 560 140 130 380 160 130 45
VGS=A 20V , VDS =0V VDS = VGS , ID =250|I A VGS=10V, ID =25A VDS =25V, VGS=0,f=1MHz
0.018 0.023
VDD =30V, ID =25A RG= 50 | * VDS =48V VGS=10V ID=50A* IS =50A , VGS=0
Fall Time
Total Gate Charge Gate-Source Charge Gate-Drain Charge
Continuous Source Current
A V
/W
Diode Forward Voltage Thermal Resistance Rth j-c(c) Junction-to-Case *Pulse Test Pulse WidthU 300|I s
Duty CycleU
2%
Shantou Huashan Electronic Devices Co.,Ltd.
N-Channel MOSFET
HFP50N06
Shantou Huashan Electronic Devices Co.,Ltd.
N-Channel MOSFET
HFP50N06
Shantou Huashan Electronic Devices Co.,Ltd.
N-Channel MOSFET
HFP50N06
Shantou Huashan Electronic Devices Co.,Ltd.
N-Channel MOSFET
HFP50N06


▲Up To Search▲   

 
Price & Availability of HFP50N06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X